PART |
Description |
Maker |
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LH1550AAB1 LH1550AAB1TR LH1550AT1 |
1 Form A High-Voltage Solid State Relay
|
VISAY[Vishay Siliconix]
|
LH1550AAB1 LH1550AAB1TR LH1550AAB111 LH1550AT1 |
1 Form A High-Voltage Solid-State Relay
|
Vishay Siliconix
|
KAQY212S |
High Voltage, Solid State Relay-MOSFET Output
|
COSMO[COSMO Electronics Corporation]
|
KAQW614A KAQW614 |
HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|
KAQW214S |
High Voltage, Solid State Relay-MOSFET Output
|
COSMO[COSMO Electronics Corporation]
|
KAQY414S |
HIGH VOLTAGE SOLID STATE RELAY-MOSEFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|